Part Number Hot Search : 
ENA1118A 1N960C 10006 14LPD100 LCE17A 2SA1044 001SMB 2SA1044
Product Description
Full Text Search
 

To Download 15KE100CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.5KE SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
CHENG- YI
ELECTRONIC
VOLTAGE 6.8 to 440 VOLTS 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
DO-201AE
FEATURES
Plastic package has Underwrites Laboratory Flammability Classification 94V-O Glass passivated chip junction in Molded Plastic package 1500W surge capability at 1 ms Excellent clamping capability Low zener impedance Fast response time: typically less than 1.0 ps from 0 volts to BV min. Typical IR less than 1 A above 10V High tempreature soldering guaranteed: 2600C/10 seconds /.375",(9.5mm) lead length/51bs.,(2.3kg) tension
.188
R
6
.042(1.07) .37(.94)
MECHANICAL DATA
Case:JEDEC DO-201AE Molded plastic Terminals:Axial leads, solderable per MIL-STD-202, Method 208 Polarity:Color band denotes cathode except Bipolar Mounting Position:Any Weight:0.045 ounce, 1.2 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 250C ambient temperature unless otherwise specified.
RATINGS Peak Pulse Power Dissipation at TA=25 C, TP=1ms (NOTE 1) Steady Power Dissipation at TL=75 C Lead Lengths .375",(9.5mm)(NOTE 2) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load(JEDEC Method)(NOTE 3) Operating Junction and Storage Temperature Range
0 0
SYMBOL PPK PD
VALUE Minimum 15000 5.0
UNITS Watts Watts Amps
0
IFSM TJ, TSTG
200 -65 to + 175
C
Notes: 1. Non-repetitive current pulse, per Fig.3 and derated above TA=250C per Fig.2 2. Mounted on Copper Leaf area of 0.79 in (40mm2) 3. 8.3mm single half sine-wave, duty cycle=4 pulses minutes maximum.
1.5KE SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES 1.5KE SERIES
Fig. 1 - PEAK PULSE POWER RATING CURVE
PEAK PULSE POWER (P PP) OR CURRENT (l PP) DERATING PERCENTAGE %
100
Fig. 2 - PULSE DERATING CURVE
PPPM, PEAK PULSE POWER, kW
100
Non-Repetitive Pulse waveform Shown in Flgure 3 TA=250C
75
10
50
1.0
25
0.1 0.1 s
1.0 s
10 s
100 s
1.0ms
10ms
0 0 25 50 75 100 125 150 175 200
td, PULSE WIDTH, SEC
TA, AMBIENT TEMPERATURE, 0C
Fig. 3 - PULSE WAVEFORM
150
Fig. 4 - TYPICAL CAPACIT ANCE VS STAND-OFF VOLTAGE
tf=10 se Peak Value Ippm
TA=250C Pulse Width (td) is Defined as the Poitn Where the Peak Current Decays to 50% of Ipp
4 10
0 TJ=25C f=1.0MHz Vsig=50mVp-p
IPPM, PEAK PULSE CURRENT, %
CJ, CAPACITANCE, pF
100
1,000
Measursd at Zero Bias
Half Value-Ipp 2 50 10/1000 sec Waveform as Defined by R.E.A e-kt 0 0 td 1.0 2.0 3.0 4.0
100
Measursd at Stand-Off Voltage(V MW)
10 5.0 10 20 50 100 200 500
t, TIME, ms
V(BR), BREAKDOWN VOLTAGE, VOLTS
Pm (AV) STEADY STATE POWER DISSIPATION, WATTS
Fig. 5 - STEADY STATE POWER DERATING CURVE
5.00
Fig. 6 - MAXIMUM NON-REPETITIVE
IFSM, PEAK FORWARD SURGE CURRENT AMPERES
PEAK FORWARD SURGE CURRENT
200
8.3ms Single Half Sine-Wave JEDEC Method
3.75
TJ=TJ max
100
2.50
l=375"(9.5mm)
50
1.25
20mmx20mmx1mm Copper Heat Sinks (0.8"x0.8"x.040")
UNDIRECTIONAL ONLY
0 0 25 50 75 100 125
0
150
175
200
10 1 5 10 50 100
TL, LEAD TEMPERATURE, C
NUMBER OF CYCLES AT 60 Hz


▲Up To Search▲   

 
Price & Availability of 15KE100CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X